PART |
Description |
Maker |
NSF20504 NSF205023 NSF20607 NSFM150 NSFM250 NSFM35 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 700V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 15A I(D) | TO-254 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 15A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 25A I(D) | TO-254 晶体管| MOSFET的| N沟道| 100V的五(巴西)直|5A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 9A I(D) | TO-254 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 9A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 13A I(D) | TO-254
|
Sharma Electro Components, Inc.
|
0022162190-17 |
KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm Gold (Au), 19 Circuits
|
Molex Electronics Ltd.
|
22-29-2051 |
KK? 254 Wire-to-Board Header, Vertical, with Friction Lock, 5 Circuits, Gold (Au) Plating
|
Molex Electronics Ltd.
|
22-29-2071 |
KK? 254 Wire-to-Board Header, Vertical, with Friction Lock, 7 Circuits, Gold (Au) Plating
|
Molex Electronics Ltd.
|
A-4030-08A241 22-10-2081 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 8 Circuits, PA Polyamide Nylon, Gold (Au) Plating
|
Molex Electronics Ltd.
|
A-4030-09A241 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 9 Circuits, PA Polyamide Nylon, Gold (Au) Plating
|
Molex Electronics Ltd.
|
A-4030-08A197 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 8 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
A-4094-02A197 |
KK? 254 Wire-to-Board Header, Single Row, Right Angle, 2 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
A-4030-04A197 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 4 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
DF5A-10DP-5C DF5A-10DP-5DSA DF5A-10DS-5DSA DF5A-10 |
5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 5mm Pitch Miniature Potting Connector for Secondary Power Supply
|
http:// Hirose Electric
|
15-04-5221 15-04-5184 15-04-5424 15-04-5421 15-04- |
SL ItmCp DR O/Ribs 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045181 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Multipole Connector; Number of Contacts:50; Series:SL; Body Material:Polyester; Number of Rows:2 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045341 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; No. of Contacts:40; Series:SL RoHS Compliant: Yes 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; Number of Contacts:12; Series:SL SL ItmCp DR O/Ribs 38Ckt SL ItmCp DR W/Ribs 30Ckt
|
Molex, Inc. MOLEX INC
|
|